|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ZXMS6002G 60V N-Channel self protected enhancement mode IntelliFETTM MOSFET with status indication Summary Continuous drain source voltage On-state resistance Nominal load current (VIN = 5V) Clamping energy VDS = 60V 500m 1.4A 550mJ Description Self protected low side MOSFET. Monolithic over temperature, over current, over voltage (active clamp) and ESD protected logic level functionality. Intended as a general purpose switch, with status indication. Features * * * * * * * * * Status pin (analog status indication) Short circuit protection with auto restart Over voltage protection (active clamp) Thermal shutdown with auto restart Over-current protection Input protection (ESD) Load dump protection (actively protects load) Logic level input High continuous current rating Note: The tab is connected to the drain pin and must be electrically isolated from the source pin. Connection of significant copper to the tab is recommended for best thermal performance. S D Status IN Top view Ordering information Device ZXMS6002GTA Part mark ZXMS6002 Reel size (inches) 7 Tape width (mm) 12 embossed Quantity per reel 1000 Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 1 www.zetex.com ZXMS6002G Functional block diagram D Over voltage protection IN Over current protection Logic Over temperature protection dV/dt limitation Human body ESD protection S Applications and information * * * * * * Especially suited for loads with a high in-rush current such as lamps and motors All types of resistive, inductive and capacitive loads in switching applications C compatible power switch for 12V and 24V DC applications Automotive rated Replaces electromechanical relays and discrete circuits Linear mode capability - the current-limiting protection circuitry is designed to de-activate at low VDS, in order not to compromise the load current during normal operation. The design max. DC operating current is therefore determined by the thermal capability of the package/ board combination, rather than by the protection circuitry Note: This does not compromise the product's ability to self-protect during short-circuit load conditions. Status pin voltage reflects the gate drive being applied internally to the power MOSFET. With VIN = 5V: Status voltage ~ 5V indicates normal operation. Status voltage ~ (2-3)V indicates that the device is in current-limiting mode. Status voltage < 1V indicates that the device is in thermal shutdown. * Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 2 www.zetex.com ZXMS6002G Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 3 www.zetex.com ZXMS6002G Absolute maximum ratings Parameter Continuous drain-source voltage Drain-source voltage for short circuit protection VIN=5V Drain-source voltage for short circuit protection VIN=10V Continuous input voltage Peak input voltage Operating temperature range Storage temperature range Power dissipation @ Tamb =25C(a) Symbol VDS VDS(SC) VDS(SC) VIN VIN T j, Tstg PD ID ID IS IS EAS VLoadDump VESD Limit 60 36 20 -0.2 ... +10 -0.2 ... +20 -40 to +150 -55 to +150 2.5 1.6 1.4 3 4.7 550 80 4000 E 40/150/56 Unit V V V V V C C W A A A A mJ V V Continuous drain current @ VIN=10V; Tamb=25C(a) Continuous drain current @ VIN=5V; Tamb=25C(a) Continuous source current (body diode)(a) Pulsed source current (body Load dump protection Electrostatic discharge (human body model) DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 diode)(b) Unclamped single pulse inductive energy Thermal resistance Parameter Junction to ambient(a) Junction to ambient(b) Symbol R JA R JA Limit 50 28 Unit C/W C/W NOTES: (a) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 board with a high coverage of single sided 2oz weight copper. (b) For a device surface mounted on FR4 board as (a) and measured at t<=10s. Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 4 www.zetex.com ZXMS6002G Characteristics Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 5 www.zetex.com ZXMS6002G Electrical characteristics (at Tamb = 25C unless otherwise stated) Parameter Static characteristics Drain-source clamp voltage Off state drain current Off state drain current Input threshold voltage (*) Input current Input current Input current Static drain-source on-state resistance Static drain-source on-state resistance Current limit () Current limit() Dynamic characteristics Turn-off time (VIN to 90% ID) toff 13 8 3.2 20 20 10 s V/ s V/ s RL=22 , VIN=10V to 0V, VDD=12V RL=22 , VIN=0 to 10V, VDD=12V RL=22 , VIN=10V to 0V, VDD=12V VDS(AZ) IDSS IDSS VIN(th) IIN IIN IIN RDS(on) RDS(on) ID(LIM) ID(LIM) 0.7 1.0 1 60 70 0.1 3 2.1 0.7 1.5 4 520 385 1.0 1.8 1.2 2.7 7 675 500 1.5 2.3 75 3 15 V A A V mA mA mA m m A A ID=10mA VDS=12V, VIN=0V VDS=32V, VIN=0V VDS=VGS, ID=1mA VIN=+5V VIN=+7V VIN=+10V VIN=5V, ID=0.7A VIN=10V, ID=0.7A VIN=5V, VDS>5V VIN=10V, VDS>5V Symbol Min. Typ. Max. Unit Conditions Slew rate on (70 to 50% VDD) -dVDS/dton Slew rate off (50 to 70% VDD) DVDS/dton Protection functions () Required input voltage for over temperature protection Thermal overload trip temperature Thermal hysteresis Unclamped single pulse inductive energy Tj=25C Unclamped single pulse inductive energy Tj=150C EAS 550 VPROT TJT 4.5 150 V 175 1 C C mJ ID(ISO)=0.7A, VDD=32V ID(ISO)=0.7A, VDD=32V EAS 200 mJ Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 6 www.zetex.com ZXMS6002G Electrical characteristics (at Tamb = 25C unless otherwise stated) Parameter Status flag Normal operation Current limit operating Thermal shutdown activated Normal operation Current limit operation Thermal shutdown activated Inverse diode Source drain voltage VSD 1 V VIN=0V, -ID=1.4A, VSTATUS VSTATUS VSTATUS VSTATUS VSTATUS VSTATUS 4.95 2.5 0.2 8.0 3.0 0.35 1 1 V V V V V V VIN = 5V VIN = 5V VIN = 5V VIN = 10V VIN = 10V VIN = 10V Symbol Min. Typ. Max. Unit Conditions NOTES: (*) Protection features may operate outside spec for VIN<4.5V. () The drain current is limited to a reduced value when Vds exceeds a safe level () Integrated protection functions are designed to prevent IC destruction under fault conditions described in the datasheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not designed for continuous, repetitive operation. Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 7 www.zetex.com ZXMS6002G Typical characteristics Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 8 www.zetex.com ZXMS6002G Package outline - SOT223 DIM A A1 b b2 C D Millimeters Min 0.02 0.66 2.90 0.23 6.30 Max 1.80 0.10 0.84 3.10 0.33 6.70 - Inches Min 0.0008 0.026 0.114 0.009 0.248 Max 0.071 0.004 0.033 0.122 0.013 0.264 DIM e e1 E E1 L - Millimeters Min Max 2.30 BSC 4.60 BSC 6.70 3.30 0.90 7.30 3.70 - Inches Min Max 0.0905 BSC 0.181 BSC 0.264 0.130 0.355 0.287 0.146 - Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 9 www.zetex.com ZXMS6002G Definitions Product change Zetex Semiconductors reserves the right to alter, without notice, specifications, design, price or conditions of supply of any product or service. Customers are solely responsible for obtaining the latest relevant information before placing orders. Applications disclaimer The circuits in this design/application note are offered as design ideas. It is the responsibility of the user to ensure that the circuit is fit for the user's application and meets with the user's requirements. No representation or warranty is given and no liability whatsoever is assumed by Zetex with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Zetex does not assume any legal responsibility or will not be held legally liable (whether in contract, tort (including negligence), breach of statutory duty, restriction or otherwise) for any damages, loss of profit, business, contract, opportunity or consequential loss in the use of these circuit applications, under any circumstances. Life support Zetex products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Zetex Semiconductors plc. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labelling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. Reproduction The product specifications contained in this publication are issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. Terms and Conditions All products are sold subjects to Zetex' terms and conditions of sale, and this disclaimer (save in the event of a conflict between the two when the terms of the contract shall prevail) according to region, supplied at the time of order acknowledgement. For the latest information on technology, delivery terms and conditions and prices, please contact your nearest Zetex sales office. Quality of product Zetex is an ISO 9001 and TS16949 certified semiconductor manufacturer. To ensure quality of service and products we strongly advise the purchase of parts directly from Zetex Semiconductors or one of our regionally authorized distributors. For a complete listing of authorized distributors please visit: www.zetex.com/salesnetwork Zetex Semiconductors does not warrant or accept any liability whatsoever in respect of any parts purchased through unauthorized sales channels. ESD (Electrostatic discharge) Semiconductor devices are susceptible to damage by ESD. Suitable precautions should be taken when handling and transporting devices. The possible damage to devices depends on the circumstances of the handling and transporting, and the nature of the device. The extent of damage can vary from immediate functional or parametric malfunction to degradation of function or performance in use over time. Devices suspected of being affected should be replaced. Green compliance Zetex Semiconductors is committed to environmental excellence in all aspects of its operations which includes meeting or exceeding regulatory requirements with respect to the use of hazardous substances. Numerous successful programs have been implemented to reduce the use of hazardous substances and/or emissions. All Zetex components are compliant with the RoHS directive, and through this it is supporting its customers in their compliance with WEEE and ELV directives. Product status key: "Preview" Future device intended for production at some point. Samples may be available "Active" Product status recommended for new designs "Last time buy (LTB)" Device will be discontinued and last time buy period and delivery is in effect "Not recommended for new designs" Device is still in production to support existing designs and production "Obsolete" Production has been discontinued Datasheet status key: "Draft version" This term denotes a very early datasheet version and contains highly provisional information, which may change in any manner without notice. "Provisional version" This term denotes a pre-release datasheet. It provides a clear indication of anticipated performance. However, changes to the test conditions and specifications may occur, at any time and without notice. "Issue" This term denotes an issued datasheet containing finalized specifications. However, changes to specifications may occur, at any time and without notice. Zetex sales offices Europe Zetex GmbH Kustermann-park Balanstrae 59 D-81541 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Highway Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia Ltd) 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone: (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com (c) 2007 Published by Zetex Semiconductors plc Issue 2 - March 2007 (c) Zetex Semiconductors plc 2007 10 www.zetex.com |
Price & Availability of ZXMS6002GTA |